Part Number Hot Search : 
1H333 PVN012 2N5056 UV110ACL 12800 LPC11CXX TA806 RFR3607
Product Description
Full Text Search
 

To Download 2N6358 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2N6358 description with to-3 package high dc current gain darlington applications for general-purpose amplifier and low-frequency switching applications pinning pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 80 v v ceo collector-emitter voltage open base 60 v v ebo emitter-base voltage open collector 5 v i c collector current 20 a i b base current 0.5 a p d total power dissipation t c =25 150 w t j junction temperature 200  t stg storage temperature -65~200  thermal characteristics symbol parameter value unit r th j-c thermal resistance junction to case 1.09 /w fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2N6358 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdwon voltage i c =0.2a ;i b =0 60 v v cesat-1 collector-emitter saturation voltage i c =10a ;i b =40ma 2.0 v v cesat-2 collector-emitter saturation voltage i c =20a ;i b =1a 4.0 v v be sat base-emitter saturation voltage i c =20a ;i b =1a 4.0 v v be base-emitter on voltage i c =10a ; v ce =4v 2.8 v i ceo collector cut-off current v ce =60v;i b =0 1.0 ma i cbo collector cut-off current v cb =80v; i e =0 0.5 ma i ebo emitter cut-off current v eb =5v; i c =0 5.0 ma h fe-1 dc current gain i c =4a ; v ce =5v 1500 10000 h fe-2 dc current gain i c =20a ; v ce =5v 100
savantic semiconductor product specification 3 silicon npn power transistors 2N6358 package outline fig.2 outline dimensions (unindicated tolerance:0.10mm)


▲Up To Search▲   

 
Price & Availability of 2N6358

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X